PART |
Description |
Maker |
LTC1744 LTC1744CFW LTC1744IFW |
14-Bit, 50Msps ADC
|
Linear Technology Corporation
|
LTC1666CGTR LTC1667CGPBF LTC1667IGTR LTC1667IG LTC |
12-Bit, 14-Bit, 16-Bit, 50Msps DACs 12-Bit, 14-Bit, 16-Bit, 50Msps DAC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 12-Bit, 14-Bit, 16-Bit, 50Msps DAC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 0.02 us SETTLING TIME, 14-BIT DAC, PDSO28 12-Bit, 14-Bit, 16-Bit, 50Msps DAC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 0.02 us SETTLING TIME, 12-BIT DAC, PDSO28
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AD7985BCPZ |
16-Bit, 2.5 MSPS PulSAR 11 mW ADC in QFN; Package: 20 ld LFCSP (4x4mm); No of Pins: 20; Temperature Range: Ind 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, QCC20
|
Analog Devices, Inc.
|
AD7703CNZ AD7703ANZ AD7703-15 |
20-Bit Sigma-Delta ADC; Package: PDIP; No of Pins: 20; Temperature Range: Commercial 1-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP20 20-Bit Sigma-Delta ADC; Package: PDIP; No of Pins: 20; Temperature Range: Industrial 20-Bit A/D Converter
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7682BCPZ |
16-Bit, 4-Channel, 250 kSPS PulSAR® ADC; Package: 20 ld LFCSP 4x4mm (2.5EP; No of Pins: 20; Temperature Range: Industrial 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, QCC20
|
Analog Devices, Inc.
|
AD7827BRZ-REEL |
3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7451BRT-R2 |
Pseudo Differential Input, 1 MSPS, 12-Bit ADC in an 8-Lead SOT-23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7685CRM AD7685CRMRL7 |
16-Bit, 250 kSPS PulSAR® ADC in MSOP/QFN; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Analog Devices, Inc.
|
AD9283BRSZ-RL80 |
8-Bit, 50 MSPS/80 MSPS/100 MSPS ADC; Package: SSOP; No of Pins: 20; Temperature Range: Industrial 1-CH 8-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO20
|
Analog Devices, Inc.
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
|